Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 384 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 384 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 380Page - Renesas Technology Corp H8S/2472 Datasheet HTML 381Page - Renesas Technology Corp H8S/2472 Datasheet HTML 382Page - Renesas Technology Corp H8S/2472 Datasheet HTML 383Page - Renesas Technology Corp H8S/2472 Datasheet HTML 384Page - Renesas Technology Corp H8S/2472 Datasheet HTML 385Page - Renesas Technology Corp H8S/2472 Datasheet HTML 386Page - Renesas Technology Corp H8S/2472 Datasheet HTML 387Page - Renesas Technology Corp H8S/2472 Datasheet HTML 388Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 336 of 1198
REJ09B0403-0200
PBn input
1 expected
PBnDR
0 expected
PBnDR
(n = 3 to 0)
Figure 8.12 Noise Canceler Operation
(7) Pin Functions
• PB7/EVENT15/RM_RX-ER, PB6/EVENT14/RM_CRS-DV, PB5/EVENT13/RM_REF-CLK
PB4/EVENT12/RM_TX-EN
The pin function is switched as shown below according to the PBnDDR bit. When using this
pin as the EVENT input pin, clear the PBnDDR bit to 0. These pins can be used as EtherC I/O
pins when the EtherC is enabled.
EtherC,
E-DMAC
Either of them is stopped
Both of them are
stopped
PBnDDR
0
1
X
Event
counter
Disabled
Enabled
X
X
Pin
function
PBn input pin
EVENTm input
pin
PBn output pin
RM_xxxx
EtherC I/O pin
[Legend]
n = 7 to 4, m = 15 to 8, X: Don't care.
Note:
*
See section 7.3, DTC Event Counter, for the event counter settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com