Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 447 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 447 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 443Page - Renesas Technology Corp H8S/2472 Datasheet HTML 444Page - Renesas Technology Corp H8S/2472 Datasheet HTML 445Page - Renesas Technology Corp H8S/2472 Datasheet HTML 446Page - Renesas Technology Corp H8S/2472 Datasheet HTML 447Page - Renesas Technology Corp H8S/2472 Datasheet HTML 448Page - Renesas Technology Corp H8S/2472 Datasheet HTML 449Page - Renesas Technology Corp H8S/2472 Datasheet HTML 450Page - Renesas Technology Corp H8S/2472 Datasheet HTML 451Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 1250 page
background image
Section 11 8-Bit Timer (TMR)
Rev. 2.00 Aug. 20, 2008 Page 399 of 1198
REJ09B0403-0200
Table 11.1 (1)
Clock Input to TCNT and Count Condition (TMR_0)
TCR
STCR
CKS2
CKS1
CKS0
ICKS0
Description
0
0
0
X
Disables clock input
0
0
1
0
Increments at falling edge of internal clock
φ/8
0
0
1
1
Increments at falling edge of internal clock
φ/2
0
1
0
0
Increments at falling edge of internal clock
φ/64
0
1
0
1
Increments at falling edge of internal clock
φ/32
0
1
1
0
Increments at falling edge of internal clock
φ/1024
0
1
1
1
Increments at falling edge of internal clock
φ/256
1
0
0
X
Increments at overflow signal from TCNT_1*
1
0
1
X
Setting prohibited
1
1
X
X
Setting prohibited
Note:
*
If the TMR_0 clock input is set as the TCNT_1 overflow signal and the TMR_1 clock
input is set as the TCNT_0 compare-match signal simultaneously, a count-up clock
cannot be generated. Simultaneous setting of these conditions should be avoided.
[Legend]
X: Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com