Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 456 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 456 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 452Page - Renesas Technology Corp H8S/2472 Datasheet HTML 453Page - Renesas Technology Corp H8S/2472 Datasheet HTML 454Page - Renesas Technology Corp H8S/2472 Datasheet HTML 455Page - Renesas Technology Corp H8S/2472 Datasheet HTML 456Page - Renesas Technology Corp H8S/2472 Datasheet HTML 457Page - Renesas Technology Corp H8S/2472 Datasheet HTML 458Page - Renesas Technology Corp H8S/2472 Datasheet HTML 459Page - Renesas Technology Corp H8S/2472 Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 1250 page
background image
Section 11 8-Bit Timer (TMR)
Rev. 2.00 Aug. 20, 2008 Page 408 of 1198
REJ09B0403-0200
11.4
TMR_0 and TMR_1 Cascaded Connection
If bits CKS2 to CKS0 in either TCR_0 or TCR_1 are set to B'100, the 8-bit timers of the two
channels are cascaded. With this configuration, 16-bit count mode or compare-match count mode
can be selected.
11.4.1
16-Bit Count Mode
When bits CKS2 to CKS0 in TCR_0 are set to B'100, the timer functions as a single 16-bit timer
with TMR_0 occupying the upper eight bits and TMR_1 occupying the lower eight bits.
• Setting of compare-match flags
 The CMF flag in TCSR_0 is set to 1 when a 16-bit compare-match occurs.
 The CMF flag in TCSR_1 is set to 1 when a lower 8-bit compare-match occurs.
• Counter clear specification
 If the CCLR1 and CCLR0 bits in TCR_0 have been set for counter clear at compare-match,
the 16-bit counter (TCNT_0 and TCNT_1 together) is cleared when a 16-bit compare-
match occurs. The 16-bit counter (TCNT_0 and TCNT_1 together) is also cleared when
counter clear by the TMI0 pin has been set.
 The settings of the CCLR1 and CCLR0 bits in TCR_1 are ignored. The lower 8 bits cannot
be cleared independently.
11.4.2
Compare-Match Count Mode
When bits CKS2 to CKS0 in TCR_1 are B
′100, TCNT_1 counts the occurrence of compare-match
A for TMR_0. TMR_0 and TMR_1 are controlled independently. Conditions such as setting of the
CMF flag, generation of interrupts, and counter clearing are in accordance with the settings for
each channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com