Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 477 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 477 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 473Page - Renesas Technology Corp H8S/2472 Datasheet HTML 474Page - Renesas Technology Corp H8S/2472 Datasheet HTML 475Page - Renesas Technology Corp H8S/2472 Datasheet HTML 476Page - Renesas Technology Corp H8S/2472 Datasheet HTML 477Page - Renesas Technology Corp H8S/2472 Datasheet HTML 478Page - Renesas Technology Corp H8S/2472 Datasheet HTML 479Page - Renesas Technology Corp H8S/2472 Datasheet HTML 480Page - Renesas Technology Corp H8S/2472 Datasheet HTML 481Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 1250 page
background image
Section 12 Watchdog Timer (WDT)
Rev. 2.00 Aug. 20, 2008 Page 429 of 1198
REJ09B0403-0200
12.6.5
Switching between Watchdog Timer Mode and Interval Timer Mode
If the mode is switched from/to watchdog timer to/from interval timer, while the WDT is
operating, errors could occur in the operation. Software must stop the watchdog timer (by clearing
the TME bit to 0) before switching the mode.
12.6.6
System Reset by
RESO Signal
Inputting the
RESO output signal to the RES pin of this LSI prevents the LSI from being
initialized correctly; the
RESO signal must not be logically connected to the RES pin of the LSI.
To reset the entire system by the
RESO signal, use the circuit as shown in figure 12.8.
RES
RESO
This LSI
Reset input
Reset signal for entire system
Figure 12.8 Sample Circuit for Resetting the System by the
RESO Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com