Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 482 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 482 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 478Page - Renesas Technology Corp H8S/2472 Datasheet HTML 479Page - Renesas Technology Corp H8S/2472 Datasheet HTML 480Page - Renesas Technology Corp H8S/2472 Datasheet HTML 481Page - Renesas Technology Corp H8S/2472 Datasheet HTML 482Page - Renesas Technology Corp H8S/2472 Datasheet HTML 483Page - Renesas Technology Corp H8S/2472 Datasheet HTML 484Page - Renesas Technology Corp H8S/2472 Datasheet HTML 485Page - Renesas Technology Corp H8S/2472 Datasheet HTML 486Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 1250 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 2.00 Aug. 20, 2008 Page 434 of 1198
REJ09B0403-0200
13.2
Input/Output Pins
Table 13.1 shows the input/output pins for each SCI channel.
Table 13.1
Pin Configuration
Channel
Symbol*
Input/Output
Function
SCK1
Input/Output
Channel 1 clock input/output
Input
Channel 1 receive data input
RxD1
Input/Output
Channel 1 transmit/receive data input/output (when
smart card interface is selected)
1
TxD1
Output
Channel 1 transmit data output
SCK3
Input/Output
Channel 3 clock input/output
Input
Channel 3 receive data input
RxD3
Input/Output
Channel 3 transmit/receive data input/output (when
smart card interface is selected)
3
TxD3
Output
Channel 3 transmit data output
Note:
*
Pin names SCK, RxD, and TxD are used in the text for all channels, omitting the
channel designation.
13.3
Register Descriptions
The SCI has the following registers for each channel. Some bits in the serial mode register (SMR),
serial status register (SSR), and serial control register (SCR) have different functions in different
modes
normal serial communication interface mode and smart card interface mode; therefore,
the bits are described separately for each mode in the corresponding register sections.
• Receive shift register (RSR)
• Receive data register (RDR)
• Transmit data register (TDR)
• Transmit shift register (TSR)
• Serial mode register (SMR)
• Serial control register (SCR)
• Serial status register (SSR)
• Smart card mode register (SCMR)
• Bit rate register (BRR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com