Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 516 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 516 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 512Page - Renesas Technology Corp H8S/2472 Datasheet HTML 513Page - Renesas Technology Corp H8S/2472 Datasheet HTML 514Page - Renesas Technology Corp H8S/2472 Datasheet HTML 515Page - Renesas Technology Corp H8S/2472 Datasheet HTML 516Page - Renesas Technology Corp H8S/2472 Datasheet HTML 517Page - Renesas Technology Corp H8S/2472 Datasheet HTML 518Page - Renesas Technology Corp H8S/2472 Datasheet HTML 519Page - Renesas Technology Corp H8S/2472 Datasheet HTML 520Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 516 / 1250 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 2.00 Aug. 20, 2008 Page 468 of 1198
REJ09B0403-0200
13.6
Operation in Clock Synchronous Mode
Figure 13.14 shows the general format for clock synchronous communication. In clock
synchronous mode, data is transmitted or received in synchronization with clock pulses. One
character in transfer data consists of 8-bit data. In data transmission, the SCI outputs data from one
falling edge of the synchronization clock to the next. In data reception, the SCI receives data in
synchronization with the rising edge of the synchronization clock. After 8-bit data is output, the
transmission line holds the MSB state. In clock synchronous mode, no parity or multiprocessor bit
is added. Inside the SCI, the transmitter and receiver are independent units, enabling full-duplex
communication by use of a common clock. Both the transmitter and the receiver also have a
double-buffered structure, so that the next transmit data can be written during transmission or the
previous receive data can be read during reception, enabling continuous data transfer.
Don’t care
Don’t care
One unit of transfer data (character or frame)
Bit 0
Serial data
Synchronization
clock
Bit 1
Bit 3
Bit 4
Bit 5
LSB
MSB
Bit 2
Bit 6
Bit 7
*
*
Note: * High except in continuous transfer
Figure 13.14 Data Format in Synchronous Communication (LSB-First)
13.6.1
Clock
Either an internal clock generated by the on-chip baud rate generator or an external
synchronization clock input at the SCK pin can be selected, according to the setting of the CKE1
and CKE0 bits in SCR. When the SCI is operated on an internal clock, the synchronization clock
is output from the SCK pin. Eight synchronization clock pulses are output in the transfer of one
character, and when no transfer is performed the clock is fixed high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com