Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 266 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 262Page - Renesas Technology Corp H8S/2472 Datasheet HTML 263Page - Renesas Technology Corp H8S/2472 Datasheet HTML 264Page - Renesas Technology Corp H8S/2472 Datasheet HTML 265Page - Renesas Technology Corp H8S/2472 Datasheet HTML 266Page - Renesas Technology Corp H8S/2472 Datasheet HTML 267Page - Renesas Technology Corp H8S/2472 Datasheet HTML 268Page - Renesas Technology Corp H8S/2472 Datasheet HTML 269Page - Renesas Technology Corp H8S/2472 Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 218 of 1198
REJ09B0403-0200
• P56/EXCL/φ
The pin function is switched as shown below according to the combination of the EXCLE bit
in LPWRCR and the P56DDR bit.
P56DDR
0
1
EXCLE
0
1
X
Pin function
P56 input pin
EXCL input pin
φ output pin
[Legend] X: Don't care.
• P55/IRQ13/SSI
The pin function is switched as shown below according to the RE bit in SSER of the SSU and
the P55DDR bit. When the ISS13 bit in ISSR16 is cleared to 0 and the IRQ13E bit in IER16 of
the interrupt controller is set to 1, this pin can be used as the
IRQ13 input pin. To use as the
IRQ13 input pin, clear the P55DDR bit to 0.
RE
0
1
P55DDR
0
1
X
P55 input pin
Pin function
IRQ13 input pin
P55 output pin
SSI input pin
[Legend] X: Don't care.
• P54/IRQ12/SSO
The pin function is switched as shown below according to the TE bit in SSER of the SSU and
the P54DDR bit. When the ISS12 bit in ISSR16 is cleared to 0 and the IRQ12E bit in IER16 of
the interrupt controller is set to 1, this pin can be used as the
IRQ12 input pin. To use as the
IRQ12 input pin, clear the P54DDR bit to 0.
TE
0
1
P54DDR
0
1
X
P54 input pin
Pin function
IRQ12 input pin
P54 output pin
SSO output pin
[Legend] X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com