Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 293 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 289Page - Renesas Technology Corp H8S/2472 Datasheet HTML 290Page - Renesas Technology Corp H8S/2472 Datasheet HTML 291Page - Renesas Technology Corp H8S/2472 Datasheet HTML 292Page - Renesas Technology Corp H8S/2472 Datasheet HTML 293Page - Renesas Technology Corp H8S/2472 Datasheet HTML 294Page - Renesas Technology Corp H8S/2472 Datasheet HTML 295Page - Renesas Technology Corp H8S/2472 Datasheet HTML 296Page - Renesas Technology Corp H8S/2472 Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 245 of 1198
REJ09B0403-0200
(b) Single-Chip Mode and Address-Data Multiplex Extended Mode
Port A pins can also function as interrupt input and event counter input pins.
• PA7/ExIRQ7/EVENT7/EXOUT
The pin function is switched as shown below according to the PA7DDR bit.
Setting the ISS7 bit in ISSR makes the pin to function as the
ExIRQ7 input pin.
When using this pin as the
ExIRQ7 input or EVENT7 input pin, clear the PA7DDR bit to 0.
Though the settings for the EVENT input pin have been made, set the PA7DDR bit to 1 to use
the pin as the PA7 output pin.
When the module stop mode is cleared in both the EtherC and E-DMAC, this pin functions as
the EXOUT output pin.
PA7DDR
0
1
PA7 input pin
Pin function
ExIRQ7 input pin/EVENT7 input pin
PA7 output pin
• PA6/ExIRQ6/EVENT6/LNKSTA
The pin function is switched as shown below according to the PA6DDR bit.
Setting the ISS6 bit in ISSR makes the pin to function as the
ExIRQ6 input pin.
When using this pin as the
ExIRQ6 input, EVENT6 input, input pin, clear the PA6DDR bit to
0. Though the settings for the EVENT input pin have been made, set the PA6DDR bit to 1 to
use the pin as the PA6 output pin.
When the module stop mode is cleared in both the EtherC and E-DMAC, this pin functions as
the LNKSTA input pin.
PA6DDR
0
1
PA6 input pin
Pin function
ExIRQ6 input pin/EVENT6 input pin
PA6 output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com