Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 318 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 318 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 314Page - Renesas Technology Corp H8S/2472 Datasheet HTML 315Page - Renesas Technology Corp H8S/2472 Datasheet HTML 316Page - Renesas Technology Corp H8S/2472 Datasheet HTML 317Page - Renesas Technology Corp H8S/2472 Datasheet HTML 318Page - Renesas Technology Corp H8S/2472 Datasheet HTML 319Page - Renesas Technology Corp H8S/2472 Datasheet HTML 320Page - Renesas Technology Corp H8S/2472 Datasheet HTML 321Page - Renesas Technology Corp H8S/2472 Datasheet HTML 322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 270 of 1198
REJ09B0403-0200
(4) Pin Functions
Port F is a 7-bit I/O port. Port F pins can also function as the PWM output and EtherC control
input/output pins. The relationship between the register settings and the pin function is shown
below.
• PF6/ExPWX2/RS14
The pin function is switched as shown below according to the combination of the OEA bit in
DACR and the PWMXS bit in PTCNT0 of PWMX_1 and the PF6DDR bit.
PF6DDR
0
1
X
PWMXS
0
1
0
1
1
OEA
X
0
X
0
1
Pin function
PF6 input pin
PF6 output pin
ExPWX2 output pin
[Legend]
X: Don't care.
• PF5/RS13
The pin function is switched as shown below according to the PF5DDR bit.
PF5DDR
0
1
Pin function
PF5 input pin
PF5 output pin
• PF4/RS12
The pin function is switched as shown below according to the PF4DDR bit.
PF4DDR
0
1
Pin function
PF4 input pin
PF4 output pin
• PF3/ExPWX3/RS11
The pin function is switched as shown below according to the combination of the OEB bit in
DACR and the PWMXS bit in PTCNT0 of PWMX_1 and the PF3DDR bit.
PF3DDR
0
1
X
PWMXS
0
1
0
1
1
OEA
X
0
X
0
1
Pin function
PF3 input pin
PF3 output pin
ExPWX3 output pin
[Legend]
X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com