Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 332 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 328Page - Renesas Technology Corp H8S/2114R Datasheet HTML 329Page - Renesas Technology Corp H8S/2114R Datasheet HTML 330Page - Renesas Technology Corp H8S/2114R Datasheet HTML 331Page - Renesas Technology Corp H8S/2114R Datasheet HTML 332Page - Renesas Technology Corp H8S/2114R Datasheet HTML 333Page - Renesas Technology Corp H8S/2114R Datasheet HTML 334Page - Renesas Technology Corp H8S/2114R Datasheet HTML 335Page - Renesas Technology Corp H8S/2114R Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 1038 page
background image
Section 11 16-Bit Free-Running Timer (FRT)
Rev. 3.00 Jul. 14, 2005 Page 284 of 986
REJ09B0098-0300
Bit
Bit Name
Initial Value
R/W
Description
6
ICFB
0
R/(W)* Input Capture Flag B
This status flag indicates that the FRC value has been
transferred to ICRB by means of an input capture
signal. When BUFEB = 1, ICFB indicates that the old
ICRB value has been moved into ICRD and the new
FRC value has been transferred to ICRB.
[Setting condition]
When an input capture signal causes the FRC value to
be transferred to ICRB
[Clearing condition]
Read ICFB when ICFB = 1, then write 0 to ICFB
5
ICFC
0
R/(W)* Input Capture Flag C
This status flag indicates that the FRC value has been
transferred to ICRC by means of an input capture
signal. When BUFEA = 1, on occurrence of an input
capture signal specified by the IEDGC bit at the FTIC
input pin, ICFC is set but data is not transferred to
ICRC. In buffer operation, ICFC can be used as an
external interrupt signal by setting the ICICE bit to 1.
[Setting condition]
When an input capture signal is received
[Clearing condition]
Read ICFC when ICFC = 1, then write 0 to ICFC
4
ICFD
0
R/(W)* Input Capture Flag D
This status flag indicates that the FRC value has been
transferred to ICRD by means of an input capture
signal. When BUFEB = 1, on occurrence of an input
capture signal specified by the IEDGD bit at the FTID
input pin, ICFD is set but data is not transferred to
ICRD. In buffer operation, ICFD can be used as an
external interrupt signal by setting the ICIDE bit to 1.
[Setting condition]
When an input capture signal is received
[Clearing condition]
Read ICFD when ICFD = 1, then write 0 to ICFD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com