Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 336 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 332Page - Renesas Technology Corp H8S/2114R Datasheet HTML 333Page - Renesas Technology Corp H8S/2114R Datasheet HTML 334Page - Renesas Technology Corp H8S/2114R Datasheet HTML 335Page - Renesas Technology Corp H8S/2114R Datasheet HTML 336Page - Renesas Technology Corp H8S/2114R Datasheet HTML 337Page - Renesas Technology Corp H8S/2114R Datasheet HTML 338Page - Renesas Technology Corp H8S/2114R Datasheet HTML 339Page - Renesas Technology Corp H8S/2114R Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 1038 page
background image
Section 11 16-Bit Free-Running Timer (FRT)
Rev. 3.00 Jul. 14, 2005 Page 288 of 986
REJ09B0098-0300
Bit
Bit Name
Initial Value
R/W
Description
4
OCRS
0
R/W
Output Compare Register Select
OCRA and OCRB share the same address. The OCRS
determines which register is selected when the shared
address is read from or written to. The operation of
OCRA or OCRB is not affected.
0: OCRA is selected
1: OCRB is selected
3
OEA
0
R/W
Output Enable A
Enables or disables output of the output compare A
output pin (FTOA).
0: Output compare A output is disabled
1: Output compare A output is enabled
2
OEB
0
R/W
Output Enable B
Enables or disables output of the output compare B
output pin (FTOB).
0: Output compare B output is disabled
1: Output compare B output is enabled
1
OLVLA
0
R/W
Output Level A
Selects the level to be output at the output compare A
output pin (FTOA) in response to compare-match A
(signal indicating a match between the FRC and OCRA
values). When the OCRAMS bit is 1, this bit is ignored.
0: 0 is output at compare-match A
1: 1 is output at compare-match A
0
OLVLB
0
R/W
Output Level B
Selects the level to be output at the output compare B
output pin (FTOB) in response to compare-match B
(signal indicating a match between the FRC and OCRB
values).
0: 0 is output at compare-match B
1: 1 is output at compare-match B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com