Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 335 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 335 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 331Page - Renesas Technology Corp H8S/2114R Datasheet HTML 332Page - Renesas Technology Corp H8S/2114R Datasheet HTML 333Page - Renesas Technology Corp H8S/2114R Datasheet HTML 334Page - Renesas Technology Corp H8S/2114R Datasheet HTML 335Page - Renesas Technology Corp H8S/2114R Datasheet HTML 336Page - Renesas Technology Corp H8S/2114R Datasheet HTML 337Page - Renesas Technology Corp H8S/2114R Datasheet HTML 338Page - Renesas Technology Corp H8S/2114R Datasheet HTML 339Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 1038 page
background image
Section 11 16-Bit Free-Running Timer (FRT)
Rev. 3.00 Jul. 14, 2005 Page 287 of 986
REJ09B0098-0300
Bit
Bit Name
Initial Value
R/W
Description
1
0
CKS1
CKS0
0
0
R/W
Clock Select 1, 0
Select clock source for FRC.
00:
φ/2 internal clock source
01:
φ/8 internal clock source
10:
φ/32 internal clock source
11: External clock source (counting at FTCI rising edge)
11.3.9
Timer Output Compare Control Register (TOCR)
TOCR enables output from the output compare pins, selects the output levels, switches access
between output compare registers A and B, controls the ICRD and OCRA operating modes, and
switches access to input capture registers A, B, and C.
Bit
Bit Name
Initial Value
R/W
Description
7
ICRDMS
0
R/W
Input Capture D Mode Select
Specifies whether ICRD is used in the normal operating
mode or in the operating mode using OCRDM.
0: The normal operating mode is specified for ICRD
1: The operating mode using OCRDM is specified for
ICRD
6
OCRAMS
0
R/W
Output Compare A Mode Select
Specifies whether OCRA is used in the normal
operating mode or in the operating mode using OCRAR
and OCRAF.
0: The normal operating mode is specified for OCRA
1: The operating mode using OCRAR and OCRAF is
specified for OCRA
5
ICRS
0
R/W
Input Capture Register Select
The same addresses are shared by ICRA and OCRAR,
by ICRB and OCRAF, and by ICRC and OCRDM. The
ICRS bit determines which registers are selected when
the shared addresses are read from or written to. The
operation of ICRA, ICRB, and ICRC is not affected.
0: ICRA, ICRB, and ICRC are selected
1: OCRAR, OCRAF, and OCRDM are selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com