Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 334 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 330Page - Renesas Technology Corp H8S/2114R Datasheet HTML 331Page - Renesas Technology Corp H8S/2114R Datasheet HTML 332Page - Renesas Technology Corp H8S/2114R Datasheet HTML 333Page - Renesas Technology Corp H8S/2114R Datasheet HTML 334Page - Renesas Technology Corp H8S/2114R Datasheet HTML 335Page - Renesas Technology Corp H8S/2114R Datasheet HTML 336Page - Renesas Technology Corp H8S/2114R Datasheet HTML 337Page - Renesas Technology Corp H8S/2114R Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 1038 page
background image
Section 11 16-Bit Free-Running Timer (FRT)
Rev. 3.00 Jul. 14, 2005 Page 286 of 986
REJ09B0098-0300
11.3.8
Timer Control Register (TCR)
TCR selects the rising or falling edge of the input capture signals, enables the input capture buffer
mode, and selects the FRC clock source.
Bit
Bit Name
Initial Value
R/W
Description
7
IEDGA
0
R/W
Input Edge Select A
Selects the rising or falling edge of the input capture A
signal (FTIA).
0: Capture on the falling edge of FTIA
1: Capture on the rising edge of FTIA
6
IEDGB
0
R/W
Input Edge Select B
Selects the rising or falling edge of the input capture B
signal (FTIB).
0: Capture on the falling edge of FTIB
1: Capture on the rising edge of FTIB
5
IEDGC
0
R/W
Input Edge Select C
Selects the rising or falling edge of the input capture C
signal (FTIC).
0: Capture on the falling edge of FTIC
1: Capture on the rising edge of FTIC
4
IEDGD
0
R/W
Input Edge Select D
Selects the rising or falling edge of the input capture D
signal (FTID).
0: Capture on the falling edge of FTID
1: Capture on the rising edge of FTID
3
BUFEA
0
R/W
Buffer Enable A
Selects whether ICRC is to be used as a buffer register
for ICRA.
0: ICRC is not used as a buffer register for ICRA
1: ICRC is used as a buffer register for ICRA
2
BUFEB
0
R/W
Buffer Enable B
Selects whether ICRD is to be used as a buffer register
for ICRB.
0: ICRD is not used as a buffer register for ICRB
1: ICRD is used as a buffer register for ICRB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com