Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 112 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 108Page - Renesas Technology Corp H8S/2114R Datasheet HTML 109Page - Renesas Technology Corp H8S/2114R Datasheet HTML 110Page - Renesas Technology Corp H8S/2114R Datasheet HTML 111Page - Renesas Technology Corp H8S/2114R Datasheet HTML 112Page - Renesas Technology Corp H8S/2114R Datasheet HTML 113Page - Renesas Technology Corp H8S/2114R Datasheet HTML 114Page - Renesas Technology Corp H8S/2114R Datasheet HTML 115Page - Renesas Technology Corp H8S/2114R Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 1038 page
background image
Section 3 MCU Operating Modes
Rev. 3.00 Jul. 14, 2005 Page 64 of 986
REJ09B0098-0300
Bit
Bit Name
Initial Value
R/W Description
4
IICE
0
R/W I
2C Master Enable
When the RELOCATE bit is cleared to 0, enables or
disables CPU access for IIC registers (ICCR, ICSR,
ICDR/SARX, ICMR/SAR, and DDCSWR), PWMX
registers (DADRAH/DACR, DADRAL,
DADRBH/DACNTH, and DADRBL/DACNTL), and SCI
registers (SMR, BRR, and SCMR).
0: SCI_1 registers are accessed in areas from
H'(FF)FF88 to H'(FF)FF89 and from H'(FF)FF8E to
H'(FF)FF8F.
SCI_2 registers are accessed in areas from
H'(FF)FFA0 to H'(FF)FFA1 and from H'(FF)FFA6 to
H'(FF)FFA7.
Access is prohibited in areas from H'(FF)FFD8 to
H'(FF)FFD9 and from H'(FF)FFDE to H'(FF)FFDF.
1: IIC_1 registers are accessed in areas from
H'(FF)FF88 to H'(FF)FF89 and from H'(FF)FF8E to
H'(FF)FF8F.
PWMX registers are accessed in areas from
H'(FF)FFA0 to H'(FF)FFA1 and from H'(FF)FFA6 to
H'(FF)FFA7.
IIC_0 registers are accessed in areas from
H'(FF)FFD8 to H'(FF)FFD9 and from H'(FF)FFDE to
H'(FF)FFDF.
DDCSWR is accessed in areas of H'(FF)FEE6
When the RELOCATE bit is set to 1, this bit is disabled.
For details, see section 3.2.4, System Control Register
3 (SYSCR3) and section 25, List of Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com