Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 111 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 107Page - Renesas Technology Corp H8S/2114R Datasheet HTML 108Page - Renesas Technology Corp H8S/2114R Datasheet HTML 109Page - Renesas Technology Corp H8S/2114R Datasheet HTML 110Page - Renesas Technology Corp H8S/2114R Datasheet HTML 111Page - Renesas Technology Corp H8S/2114R Datasheet HTML 112Page - Renesas Technology Corp H8S/2114R Datasheet HTML 113Page - Renesas Technology Corp H8S/2114R Datasheet HTML 114Page - Renesas Technology Corp H8S/2114R Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 1038 page
background image
Section 3 MCU Operating Modes
Rev. 3.00 Jul. 14, 2005 Page 63 of 986
REJ09B0098-0300
3.2.3
Serial Timer Control Register (STCR)
STCR enables or disables register access, IIC operating mode, and on-chip flash memory, and
selects the input clock of the timer counter.
Bit
Bit Name
Initial Value
R/W Description
7
IICS
0
R/W I
2C Extra Buffer Select
Sets bits 7 to 4 of port A to form an output buffer similar
to SCL and SDA. This function is used to realize the I
2C
interface only by software.
0: PA7 to PA4 are normal I/O pins
1: PA7 to PA4 are I/O pins that can be bus driven
6
5
IICX1
IICX0
0
0
R/W
R/W
I
2C Transfer Rate Select 1, 0
These bits control the IIC operation. These bits select
the transfer rate in master mode together with bits
CKS2 to CKS0 in the I
2C bus mode register (ICMR). For
details on the transfer rate, see table 16.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com