Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 110 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 106Page - Renesas Technology Corp H8S/2114R Datasheet HTML 107Page - Renesas Technology Corp H8S/2114R Datasheet HTML 108Page - Renesas Technology Corp H8S/2114R Datasheet HTML 109Page - Renesas Technology Corp H8S/2114R Datasheet HTML 110Page - Renesas Technology Corp H8S/2114R Datasheet HTML 111Page - Renesas Technology Corp H8S/2114R Datasheet HTML 112Page - Renesas Technology Corp H8S/2114R Datasheet HTML 113Page - Renesas Technology Corp H8S/2114R Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 1038 page
background image
Section 3 MCU Operating Modes
Rev. 3.00 Jul. 14, 2005 Page 62 of 986
REJ09B0098-0300
Bit
Bit Name
Initial Value
R/W Description
1
KINWUE
0
R/W Keyboard Control Register Access Enable
When the RELOCATE bit is cleared to 0, this bit enables
or disables CPU access for the keyboard matrix interrupt
registers (KMIMRA and KMIMR), pull-up MOS control
register (KMPCR), and registers (TCR_X/TCR_Y,
TCSR_X/TCSR_Y, TICRR/TCORA_Y, TICRF/TCORB_Y,
TCNT_X/TCNT_Y, TCORC/TISR, TCORA_X, TCORB_X,
TCONRI, and CONRS) of 8-bit timers (TMR_X and
TMR_Y)
0: Enables CPU access for registers of TMR_X and
TMR_Y in areas from H'(FF)FFF0 to H'(FF)FFF7 and
from H'(FF)FFFC to H'(FF)FFFF
1: Enables CPU access for the keyboard matrix interrupt
registers and input pull-up MOS control register in
areas from H'(FF)FFF0 to H'(FF)FFF7 and from
H'(FF)FFFC to H'(FF)FFFF
When the RELOCATE bit is set to 1, this bit is disabled.
For details, see section 3.2.4, System Control Register 3
(SYSCR3) and section 25, List of Registers.
0
RAME
1
R/W RAM Enable
Enables or disables on-chip RAM.
0: On-chip RAM is disabled
1: On-chip RAM is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com