| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2114R Datasheet(PDF) 141 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2114R Datasheet(HTML) 141 Page - Renesas Technology Corp |
|
141 / 1038 page ![]() Section 5 Interrupt Controller Rev. 3.00 Jul. 14, 2005 Page 93 of 986 REJ09B0098-0300 5.3.7 Keyboard Matrix Interrupt Mask Registers (KMIMRA, KMIMR) Wake-Up Event Interrupt Mask Registers (WUEMR, WUEMRB) The KMIMR and WUEMR registers enable or disable key-sensing interrupt inputs ( KIN15 to KIN0) and wake-up event interrupt inputs (WUE15 to WUE0). • KMIMRA Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 KMIMR15 KMIMR14 KMIMR13 KMIMR12 KMIMR11 KMIMR10 KMIMR9 KMIMR8 1 1 1 1 1 1 1 1 R/W R/W R/W R/W R/W R/W R/W R/W Keyboard Matrix Interrupt Mask These bits enable or disable a key-sensing input interrupt request (KIN15 to KIN8). 0: Enables a key-sensing input interrupt request 1: Disables a key-sensing input interrupt request • KMIMR Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 KMIMR7 KMIMR6 KMIMR5 KMIMR4 KMIMR3 KMIMR2 KMIMR1 KMIMR0 1 0 1 1 1 1 1 1 R/W R/W R/W R/W R/W R/W R/W R/W Keyboard Matrix Interrupt Mask These bits enable or disable a key-sensing input interrupt request (KIN7 to KIN0). 0: Enables a key-sensing input interrupt request 1: Disables a key-sensing input interrupt request When the EIVS bit in SYSCR3 is cleared to 0, the KMIMR6 bit also simultaneously controls enabling and disabling of the IRQ6 interrupt request. In this case, the initial value of the KMIMR6 bit is 0. When the EIVS bit is set to 1, the initial value of the KMIMR6 bit becomes 1. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |