Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 143 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 139Page - Renesas Technology Corp H8S/2114R Datasheet HTML 140Page - Renesas Technology Corp H8S/2114R Datasheet HTML 141Page - Renesas Technology Corp H8S/2114R Datasheet HTML 142Page - Renesas Technology Corp H8S/2114R Datasheet HTML 143Page - Renesas Technology Corp H8S/2114R Datasheet HTML 144Page - Renesas Technology Corp H8S/2114R Datasheet HTML 145Page - Renesas Technology Corp H8S/2114R Datasheet HTML 146Page - Renesas Technology Corp H8S/2114R Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 1038 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jul. 14, 2005 Page 95 of 986
REJ09B0098-0300
KMIMR0 (Initial value of 1)
KMIMR5 (Initial value of 1)
KMIMR6 (Initial value of 0)
KMIMR7 (Initial value of 1)
P60/
KIN0
P65/
KIN5
P66/
KIN6/IRQ6
P67/
KIN7/IRQ7
KMIMR8 (Initial value of 1)
PA0/
KIN8
KMIMR9 (Initial value of 1)
PA1/
KIN9
WUEMR7 (Initial value of 1)
PB7/
WUE7
IRQ6 interrupt
IRQ7 interrupt
IRQ6 internal
signal
Edge-level selection
enable/disable
circuit
P42/
ExIRQ7
ISS7
IRQ7 internal
signal
Edge-level selection
enable/disable
circuit
Note: The ISS7 bit is an external interrupt pin switch bit. For details, see section 5.3.8,
IRQ Sence Port Select Register 16 (ISSR16), IRQ Sense Port Select Register (ISSR).
Figure 5.2 Relation between IRQ7 and IRQ6 Interrupts, KIN15 to KIN0 Interrupts,
WUE7 to WUE0 Interrupts, KMIMR, KMIMRA, and WUEMRB
(H8S/2140B Group Compatible Vector Mode: EIVS = 0)
In H8S/2140B Group compatible vector mode, interrupt input from the
IRQ7 pin is ignored when
even one of the KMIMR15 to KMIMR8 and WUEMR7 to WUEMR0 bits is cleared to 0. If the
KIN7 to KIN0 pins or KIN15 to KIN8 pins, and WUE7 to WUE0 pins are specified to be used as
key-sensing interrupt input pins and wake-up event interrupt input pins, the interrupt sensing
condition for the corresponding interrupt source (IRQ6 or IRQ7) must be set to low-level sensing
or falling-edge sensing. Note that interrupt input cannot be made from the
ExIRQ6 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com