Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 142 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 138Page - Renesas Technology Corp H8S/2114R Datasheet HTML 139Page - Renesas Technology Corp H8S/2114R Datasheet HTML 140Page - Renesas Technology Corp H8S/2114R Datasheet HTML 141Page - Renesas Technology Corp H8S/2114R Datasheet HTML 142Page - Renesas Technology Corp H8S/2114R Datasheet HTML 143Page - Renesas Technology Corp H8S/2114R Datasheet HTML 144Page - Renesas Technology Corp H8S/2114R Datasheet HTML 145Page - Renesas Technology Corp H8S/2114R Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 1038 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jul. 14, 2005 Page 94 of 986
REJ09B0098-0300
• WUEMR
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
WUEMR15
WUEMR14
WUEMR13
WUEMR12
WUEMR11
WUEMR10
WUEMR9
WUEMR8
1
1
1
1
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Wake-Up Event Interrupt Mask
These bits enable or disable a wake-up event input
interrupt request (WUE15 to WUE8).
0: Enables a wake-up event input interrupt request
1: Disables a wake-up event input interrupt request
• WUEMRB
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
WUEMR7
WUEMR6
WUEMR5
WUEMR4
WUEMR3
WUEMR2
WUEMR1
WUEMR0
1
1
1
1
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Wake-Up Event Interrupt Mask
These bits enable or disable a wake-up event input
interrupt request (WUE7 to WUE0).
0: Enables a wake-up event input interrupt request
1: Disables a wake-up event input interrupt request
Figure 5.2 shows the relation between the IRQ7 and IRQ6 interrupts, KIN15 to KIN0 interrupts,
WUE7 to WUE0 interrupts, KMIMR, KMIMRA, and WUEMRB in H8S/2140B Group
compatible vector mode. The relation in extended vector mode is shown in figure 5.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com