Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 144 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 140Page - Renesas Technology Corp H8S/2114R Datasheet HTML 141Page - Renesas Technology Corp H8S/2114R Datasheet HTML 142Page - Renesas Technology Corp H8S/2114R Datasheet HTML 143Page - Renesas Technology Corp H8S/2114R Datasheet HTML 144Page - Renesas Technology Corp H8S/2114R Datasheet HTML 145Page - Renesas Technology Corp H8S/2114R Datasheet HTML 146Page - Renesas Technology Corp H8S/2114R Datasheet HTML 147Page - Renesas Technology Corp H8S/2114R Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 1038 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jul. 14, 2005 Page 96 of 986
REJ09B0098-0300
KIN interrupt
(KIN7 to KIN0)
KIN internal
signal
Falling-edge
detection circuit
ISS7
IRQ6 interrupt
Edge-level selection
enable/disable
circuit
IRQ7 interrupt
Edge-level selection
enable/disable
circuit
KINA interrupt
(KIN15 to KIN8)
KINA internal
signal
WUEB interrupt
(WUE7 to WUE0)
WUEB internal
signal
WUE interrupt
(WUE15 to WUE8)
WUE internal
signal
KMIMR0 (Initial value of 1)
KMIMR5 (Initial value of 1)
KMIMR6 (Initial value of 1)
KMIMR7 (Initial value of 1)
P60/
KIN0
P65/
KIN5
P66/
KIN6/IRQ6
P67/
KIN7/IRQ7
KMIMR8 (Initial value of 1)
PA0/
KIN8
KMIMR15 (Initial value of 1)
PA7/
KIN15
P52/
ExIRQ6
P42/
ExIRQ7
WUEMR0 (Initial value of 1)
PB0/
WUE0
WUEMR7 (Initial value of 1)
PB7/
WUE7
WUEMR8 (Initial value of 1)
PC0/
WUE8
WUEMR15 (Initial value of 1)
PC7/
WUE15
Falling-edge
detection circuit
Falling-edge
detection circuit
Falling-edge
detection circuit
Note: The ISS7 bit is an external interrupt pin switch bit. For details, see section 5.3.8,
IRQ Sence Port Select Register 16 (ISSR16), IRQ Sense Port Select Register (ISSR).
Figure 5.3 Relation between IRQ7 and IRQ6 Interrupts, KIN15 to KIN0 Interrupts,
WUE7 to WUE0 Interrupts, KMIMR, KMIMRA, and WUEMRB
(Extended Vector Mode: EIVS = 1)
In extended vector mode, the initial value of the KMIMR6 bit is 1. Accordingly, it does not enable
of disable the
IRQ6 pin interrupt. The interrupt input from the ExIRQ6 pin becomes the IRQ6
interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com