Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 150 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 146Page - Renesas Technology Corp H8S/2114R Datasheet HTML 147Page - Renesas Technology Corp H8S/2114R Datasheet HTML 148Page - Renesas Technology Corp H8S/2114R Datasheet HTML 149Page - Renesas Technology Corp H8S/2114R Datasheet HTML 150Page - Renesas Technology Corp H8S/2114R Datasheet HTML 151Page - Renesas Technology Corp H8S/2114R Datasheet HTML 152Page - Renesas Technology Corp H8S/2114R Datasheet HTML 153Page - Renesas Technology Corp H8S/2114R Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 1038 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jul. 14, 2005 Page 102 of 986
REJ09B0098-0300
5.4.2
Internal Interrupt Sources
Internal interrupts issued from the on-chip peripheral modules have the following features:
• For each on-chip peripheral module there are flags that indicate the interrupt request status,
and enable bits that individually select enabling or disabling of these interrupts. When the
enable bit for a particular interrupt source is set to 1, an interrupt request is sent to the interrupt
controller.
• The control level for each interrupt can be set by ICR.
• The DTC can be activated by an interrupt request from an on-chip peripheral module.
• An interrupt request that activates the DTC is not affected by the interrupt control mode or the
status of the CPU interrupt mask bits.
5.5
Interrupt Exception Handling Vector Tables
Tables 5.4 and 5.5 list interrupt exception handling sources, vector addresses, and interrupt
priorities. H8S/2140B Group compatible vector mode or extended vector mode can be selected for
the vector addresses by the EIVS bit in system control register 3 (SYSCR3).
For default priorities, the lower the vector number, the higher the priority. Modules set at the same
priority will conform to their default priorities. Priorities within a module are fixed.
An interrupt control level can be specified for a module to which an ICR bit is assigned. Interrupt
requests from modules that are set to interrupt control level 1 (priority) by the interrupt control
level and the I and UI bits in CCR are given priority and processed before interrupt requests from
modules that are set to interrupt control level 0 (no priority).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com