Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 152 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 148Page - Renesas Technology Corp H8S/2114R Datasheet HTML 149Page - Renesas Technology Corp H8S/2114R Datasheet HTML 150Page - Renesas Technology Corp H8S/2114R Datasheet HTML 151Page - Renesas Technology Corp H8S/2114R Datasheet HTML 152Page - Renesas Technology Corp H8S/2114R Datasheet HTML 153Page - Renesas Technology Corp H8S/2114R Datasheet HTML 154Page - Renesas Technology Corp H8S/2114R Datasheet HTML 155Page - Renesas Technology Corp H8S/2114R Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 1038 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jul. 14, 2005 Page 104 of 986
REJ09B0098-0300
Vector Address
Origin of
Interrupt
Source
Name
Vector
Number
Normal
Mode
Advanced
Mode
ICR
Priority
TPU_2
TGI2A (TGR2A input
capture/compare match)
TGI2B (TGR2B input
capture/compare match)
TGI2V (Overflow 2)
TGI2U (Underflow 2)
Reserved for system use
43
44
45
46
47
H'0056
H'0058
H'005A
H'005C
H'005E
H'0000AC
H'0000B0
H'0000B4
H'0000B8
H'0000BC
ICRD1
High
FRT
ICIA (Input capture A)
ICIB (Input capture B)
ICIC (Input capture C)
ICID (Input capture D)
OCIA (Output compare A)
OCIB (Output compare B)
FOVI (Overflow)
Reserved for system use
48
49
50
51
52
53
54
55
H'0060
H'0062
H'0064
H'0066
H'0068
H'006A
H'006C
H'006E
H'0000C0
H'0000C4
H'0000C8
H'0000CC
H'0000D0
H'0000D4
H'0000D8
H'0000DC
ICRB6
External pin
IRQ8
IRQ9
IRQ10
IRQ11
56
57
58
59
H'0070
H'0072
H'0074
H'0076
H'0000E0
H'0000E4
H'0000E8
H'0000EC
ICRD7
IRQ12
IRQ13
IRQ14
IRQ15
60
61
62
63
H'0078
H'007A
H'007C
H'007E
H'0000F0
H'0000F4
H'0000F8
H'0000FC
ICRD6
TMR_0
CMIA0 (Compare match A)
CMIB0 (Compare match B)
OVI0 (Overflow)
Reserved for system use
64
65
66
67
H'0080
H'0082
H'0084
H'0086
H'000100
H'000104
H'000108
H'00010C
ICRB3
TMR_1
CMIA1 (Compare match A)
CMIB1 (Compare match B)
OVI1 (Overflow)
Reserved for system use
68
69
70
71
H'0088
H'008A
H'008C
H'008E
H'000110
H'000114
H'000118
H'00011C
ICRB2
TMR_X
TMR_Y
CMIAY (Compare match A)
CMIBY (Compare match B)
OVIY (Overflow)
ICIX (Input capture)
CMIAX (Compare match A)
CMIBX (Compare match B)
OVIX (Overflow)
72
73
74
75
76
77
78
H'0090
H'0092
H'0094
H'0096
H'0098
H'009A
H'009C
H'000120
H'000124
H'000128
H'00012C
H'000130
H'000134
H'000138
ICRB1
Reserved for system use
Reserved for system use
Reserved for system use
Reserved for system use
Reserved for system use
79
80
81
82
83
H'009E
H'00A0
H'00A2
H'00A4
H'00A6
H'00013C
H'000140
H'000144
H'000148
H'00014C
—
SCI_1
ERI1 (Reception error 1)
RXI1 (Reception completion 1)
TXI1 (Transmission data empty 1)
TEI1 (Transmission end 1)
84
85
86
87
H'00A8
H'00AA
H'00AC
H'00AE
H'000150
H'000154
H'000158
H'00015C
ICRC6
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com