Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 148 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 144Page - Renesas Technology Corp H8S/2114R Datasheet HTML 145Page - Renesas Technology Corp H8S/2114R Datasheet HTML 146Page - Renesas Technology Corp H8S/2114R Datasheet HTML 147Page - Renesas Technology Corp H8S/2114R Datasheet HTML 148Page - Renesas Technology Corp H8S/2114R Datasheet HTML 149Page - Renesas Technology Corp H8S/2114R Datasheet HTML 150Page - Renesas Technology Corp H8S/2114R Datasheet HTML 151Page - Renesas Technology Corp H8S/2114R Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 1038 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jul. 14, 2005 Page 100 of 986
REJ09B0098-0300
IRQnE
IRQnF
S
R
Q
IRQn
ISSm
ExIRQn
IRQn interrupt
request
Clear signal
IRQnSCA, IRQnSCB
n = 15 to 0
m = 15 to 7 and 5 to 0
Note: Switching between the
IRQ6 and ExIRQ6 pins is controlled by the EIVS bit in SYSCR3.
Edge/level
detection circuit
Figure 5.4 Block Diagram of Interrupts IRQ15 to IRQ0
(3)
KIN15 to KIN0 Interrupts and WUE15 to WUE0 Interrupts
Interrupts KIN15 to KIN0 and WUE15 to WUE0 are requested by an input signal at pins
KIN15
to
KIN0 and WUE15 to WUE0. Interrupts KIN15 to KIN0 and WUE15 to WUE0 have the
following features according to the setting of the EIVS bit in system control register 3 (SYSCR3).
• H8S/2140B Group compatible vector mode (EIVS = 0 in SYSCR3)
 Interrupts WUE7 to WUE0 and KIN15 to KIN8 correspond to interrupt IRQ7, and
interrupts KIN7 to KIN0 correspond to interrupt IRQ6. The pin conditions for generating
an interrupt request, whether the interrupt request is enabled, interrupt control level setting,
and status of the interrupt request for the above interrupts are in accordance with the
settings and status of the relevant interrupts IRQ7 and IRQ6. Interrupt settings for
interrupts WUE15 to WUE8 can be made regardless of the settings for interrupts IRQ7 and
IRQ6.
 Enabling or disabling of interrupt requests KIN15 to KIN0 and WUE15 to WUE0 can be
selected using KMIMRA, KMIMR, WUEMRB, and WUEMR.
 If the KIN7 to KIN0 pins or WUE15 to WUE8 pins, and WUE7 to WUE0 pins are
specified to be used as key-sensing interrupt input pins and wake-up event interrupt input
pins, the interrupt sensing condition for the corresponding interrupt source (IRQ6 or IRQ7)
must be set to low-level sensing or falling-edge sensing.
 When using the IRQ6 pin as the IRQ6 interrupt input pin, the KMIMR6 bit must be cleared
to 0. When using the
IRQ7 pin as the IRQ7 interrupt input pin, the KMIMR15 to KMIMR8
and WUEMR7 to WUEMR0 bits must all be set to 1. If even one of these bits is cleared to
0, the IRQ7 interrupt input from the
IRQ7 pin is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com