Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 151 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 147Page - Renesas Technology Corp H8S/2114R Datasheet HTML 148Page - Renesas Technology Corp H8S/2114R Datasheet HTML 149Page - Renesas Technology Corp H8S/2114R Datasheet HTML 150Page - Renesas Technology Corp H8S/2114R Datasheet HTML 151Page - Renesas Technology Corp H8S/2114R Datasheet HTML 152Page - Renesas Technology Corp H8S/2114R Datasheet HTML 153Page - Renesas Technology Corp H8S/2114R Datasheet HTML 154Page - Renesas Technology Corp H8S/2114R Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 1038 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jul. 14, 2005 Page 103 of 986
REJ09B0098-0300
Table 5.4
Interrupt Sources, Vector Addresses, and Interrupt Priorities
(H8S/2140B Group Compatible Vector Mode)
Vector Address
Origin of
Interrupt
Source
Name
Vector
Number
Normal
Mode
Advanced
Mode
ICR
Priority
External pin
NMI
7
H'000E
H'00001C
—
High
IRQ0
16
H'0020
H'000040
ICRA7
IRQ1
17
H'0022
H'000044
ICRA6
IRQ2
IRQ3
18
19
H'0024
H'0026
H'000048
H'00004C
ICRA5
IRQ4
IRQ5
20
21
H'0028
H'002A
H'000050
H'000054
ICRA4
IRQ6, KIN7 to KIN0
IRQ7, KIN15 to KIN8,
WUE7 to WUE0
22
23
H'002C
H'002E
H'000058
H'00005C
ICRA3
DTC
SWDTEND (Software
activation data transfer end)
24
H'0030
H'000060
ICRA2
WDT_0
WOVI0 (Interval timer)
25
H'0032
H'000064
ICRA1
WDT_1
WOVI1 (Interval timer)
26
H'0034
H'000068
ICRA0
—
Address break
27
H'0036
H'00006C
—
A/D converter
ADI (A/D conversion end)
28
H'0038
H'000070
ICRB7
Reserved for system use
Reserved for system use
Reserved for system use
29
30
31
H'003A
H'003C
H'003E
H'000074
H'000078
H'00007C
—
External pin
Reserved for system use
WUE15 to WUE8
32
33
H'0040
H'0042
H'000080
H'000084
ICRD4
TPU_0
TGI0A (TGR0A input
capture/compare match)
TGI0B (TGR0B input
capture/compare match)
TGI0C (TGR0C input
capture/compare match)
TGI0D (TGR0D input
capture/compare match)
TGI0V (Overflow 0)
34
35
36
37
38
H'0044
H'0046
H'0048
H'004A
H'004C
H'000088
H'00008C
H'000090
H'000094
H'000098
ICRD3
TPU_1
TGI1A (TGR1A input
capture/compare match)
TGI1B (TGR1B input
capture/compare match)
TGI1V (Overflow 1)
TGI1U (Underflow 1)
39
40
41
42
H'004E
H'0050
H'0052
H'0054
H'00009C
H'0000A0
H'0000A4
H'0000A8
ICRD2
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com