Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 231 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 227Page - Renesas Technology Corp H8S/2114R Datasheet HTML 228Page - Renesas Technology Corp H8S/2114R Datasheet HTML 229Page - Renesas Technology Corp H8S/2114R Datasheet HTML 230Page - Renesas Technology Corp H8S/2114R Datasheet HTML 231Page - Renesas Technology Corp H8S/2114R Datasheet HTML 232Page - Renesas Technology Corp H8S/2114R Datasheet HTML 233Page - Renesas Technology Corp H8S/2114R Datasheet HTML 234Page - Renesas Technology Corp H8S/2114R Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 183 of 986
REJ09B0098-0300
8.6.6
Noise Cancel Cycle Setting Register (P6NCCS)
P6NCCS controls the sampling cycles of the noise canceller.
Bit
Bit Name
Initial Value
R/W
Description
7 to 3
Undefined
R/W
Reserved
The read data is undefined. The write value should
always be 0.
2
P6NCCK2
0
R/W
1
P6NCCK1
0
R/W
0
P6NCCK0
0
R/W
These bits set the sampling cycles of the noise
canceller.
When
φ is 10 MHz
000:
0.80
µs
φ/2
001:
12.8
µs
φ/32
010:
3.3 ms
φ/8192
011:
6.6 ms
φ/16384
100:
13.1 ms
φ/32768
101:
26.2 ms
φ/65536
110:
52.4 ms
φ/131072
111:
104.9 ms
φ/262144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com