Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 236 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 232Page - Renesas Technology Corp H8S/2114R Datasheet HTML 233Page - Renesas Technology Corp H8S/2114R Datasheet HTML 234Page - Renesas Technology Corp H8S/2114R Datasheet HTML 235Page - Renesas Technology Corp H8S/2114R Datasheet HTML 236Page - Renesas Technology Corp H8S/2114R Datasheet HTML 237Page - Renesas Technology Corp H8S/2114R Datasheet HTML 238Page - Renesas Technology Corp H8S/2114R Datasheet HTML 239Page - Renesas Technology Corp H8S/2114R Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 188 of 986
REJ09B0098-0300
• P60/KIN0/FTCI/TMIX
The function of port 6 pins is switched as shown below according to the P60DDR bit.
When the CKS1 and CKS0 bits in TCR of FRT are both set to 1, this pin can be used as the
FTCI input pin. When the TMIXS bit in PTCNT0 is cleared to 0 and the CCLR1 and CCLR0
bits in TCR of TMR_X are both set to 1, this pin is used as the TMIX(TMRIX) input pin.
When the KMIMR0 bit in KMIMR of the interrupt controller is cleared to 0, this pin can be
used as the
KIN0 input pin.
P60DDR
0
1
P60 input pin
P60 output pin
Pin function
KIN0 input pin/FTCI input pin/TMIX input pin
8.6.9
Port 6 Input Pull-Up MOS
Port 6 has a built-in input pull-up MOS that can be controlled by software. Port 6 can selects the
current specification for the input pull-up MOSs by the P6PUE bit. When the pin functions as an
output pin of the built-in peripheral function, the input pull-up MOS is always off. Table 8.5
summarizes the input pull-up MOS states.
Table 8.5
Port 6 Input Pull-Up MOS States
Reset
Hardware Standby
Mode
Software Standby
Mode
In Other Operations
Off
Off
On/Off
On/Off
[Legend]
Off:
Always off.
On/Off: On when input state and KMPCR = 1; otherwise off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com