Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 235 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 231Page - Renesas Technology Corp H8S/2114R Datasheet HTML 232Page - Renesas Technology Corp H8S/2114R Datasheet HTML 233Page - Renesas Technology Corp H8S/2114R Datasheet HTML 234Page - Renesas Technology Corp H8S/2114R Datasheet HTML 235Page - Renesas Technology Corp H8S/2114R Datasheet HTML 236Page - Renesas Technology Corp H8S/2114R Datasheet HTML 237Page - Renesas Technology Corp H8S/2114R Datasheet HTML 238Page - Renesas Technology Corp H8S/2114R Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 187 of 986
REJ09B0098-0300
• P63/KIN3/FTIB
The function of port 6 pins is switched as shown below according to the P63DDR bit.
When the ICIBE bit in TIER of FRT is set to 1, this pin can be used as the FTIB input pin.
When the KMIMR3 bit in KMIMR of the interrupt controller is cleared to 0, this pin can be
used as the
KIN3 input pin.
P63DDR
0
1
P63 input pin
P63 output pin
Pin function
KIN3 input pin/FTIB input pin
• P62/KIN2/FTIA/TMIY
The function of port 6 pins is switched as shown below according to the P62DDR bit. When
the ICIAE bit in TIER of FRT is set to 1, this pin can be used as the FTIA input pin. When the
TMIYS bit in PTCNT0 is cleared to 0 and the CCLR1 and CCLR0 bits in TCR of TMR_Y are
both set to 1, this pin is used as the TMIY (TMRIY) input pin. When the KMIMR2 bit in
KMIMR of the interrupt controller is cleared to 0, this pin can be used as the
KIN2 input pin.
P62DDR
0
1
P62 input pin
P62 output pin
Pin function
KIN2 input pin/FTIA input pin/TMIY input pin
• P61/KIN1/FTOA
The function of port 6 pins is switched as shown below according to the combination of the
OEA bit in TOCR of FRT and the P61DDR bit.
When the KMIMR1 bit in KMIMR of the interrupt controller is cleared to 0, this pin can be
used as the
KIN1 input pin.
OEA
0
1
P61DDR
0
1
P61 input pin
P61 output pin
FTOA output pin
Pin function
KIN1 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com