Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 233 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 229Page - Renesas Technology Corp H8S/2114R Datasheet HTML 230Page - Renesas Technology Corp H8S/2114R Datasheet HTML 231Page - Renesas Technology Corp H8S/2114R Datasheet HTML 232Page - Renesas Technology Corp H8S/2114R Datasheet HTML 233Page - Renesas Technology Corp H8S/2114R Datasheet HTML 234Page - Renesas Technology Corp H8S/2114R Datasheet HTML 235Page - Renesas Technology Corp H8S/2114R Datasheet HTML 236Page - Renesas Technology Corp H8S/2114R Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 185 of 986
REJ09B0098-0300
8.6.7
System Control Register 2 (SYSCR2)
SYSCR2 controls the port 6 input level selection and the current specifications for the port 6 input
pull-up MOSs.
Bit
Bit Name
Initial Value
R/W
Description
7
6
KWUL1
KWUL0
0
0
R/W
R/W
Key Wakeup Level 1, 0
Select the port 6 input level.
00: Standard input level is selected
01: Input level 1 is selected
10: Input level 2 is selected
11: Input level 3 is selected
5
P6PUE
0
R/W
Port 6 Input Pull-Up Extra
Selects the current specification for the input pull-
up MOS.
0: Standard current specification is selected
1: Current-limit specification is selected
4 to 0
All 0
R/W
Reserved
The initial value should not be changed.
8.6.8
Pin Functions
• P67/IRQ7/KIN7/TMOX
The function of port 6 pins is switched as shown below according to the combination of the
TMOXS bit in PTCNT0, OS3 to OS0 bits in TCSR of TMR_X, and the P67DDR bit.
When the KMIMR7 bit in KMIMR of the interrupt controller is cleared to 0, this pin can be
used as the
KIN7 input pin. When the ISS7 bit in ISSR is cleared to 0 and the IRQ7E bit in
IER of the interrupt controller is set to 1, this pin can be used as the
IRQ7 interrupt input pin.
TMOXS
0
1
OS3 to OS0
All 0
One bit is set as 1
P67DDR
0
1
0
1
P67 input pin
P67 output pin
TMOX output pin
P67 input pin
P67 output pin
Pin function
IRQ7 input pin/KIN7 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com