Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 234 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 234 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 230Page - Renesas Technology Corp H8S/2114R Datasheet HTML 231Page - Renesas Technology Corp H8S/2114R Datasheet HTML 232Page - Renesas Technology Corp H8S/2114R Datasheet HTML 233Page - Renesas Technology Corp H8S/2114R Datasheet HTML 234Page - Renesas Technology Corp H8S/2114R Datasheet HTML 235Page - Renesas Technology Corp H8S/2114R Datasheet HTML 236Page - Renesas Technology Corp H8S/2114R Datasheet HTML 237Page - Renesas Technology Corp H8S/2114R Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 186 of 986
REJ09B0098-0300
• P66/IRQ6/KIN6/FTOB
The function of port 6 pins is switched as shown below according to the combination of the
OEB bit in TOCR of FRT and the P66DDR bit.
When the KMIMR6 bit in KMIMR of the interrupt controller is cleared to 0, this pin can be
used as the
KIN6 input pin. When the EIVS bit in SYSCR is cleared to 0 and the IRQ6E bit in
IER of the interrupt controller is set to 1, this pin can be used as the
IRQ6 interrupt input pin.
OEB
0
1
P66DDR
0
1
P66 input pin
P66 output pin
FTOB output pin
Pin function
IRQ6 input pin/KIN6 input pin
• P65/KIN5/FTID
The function of port 6 pins is switched as shown below according to the P65DDR bit.
When the ICIDE bit in TIER of FRT is set to 1, this pin can be used as the FTID input pin.
When the KMIMR5 bit in KMIMR of the interrupt controller is cleared to 0, this pin can be
used as the
KIN5 input pin.
P65DDR
0
1
P65 input pin
P65 output pin
Pin function
KIN5 input pin/FTID input pin
• P64/KIN4/FTIC
The function of port 6 pins is switched as shown below according to the P64DDR bit.
When the ICICE bit in TIER of FRT is set to 1, this pin can be used as the FTIC input pin.
When the KMIMR4 bit in KMIMR of the interrupt controller is cleared to 0, this pin can be
used as the
KIN4 input pin.
P64DDR
0
1
P64 input pin
P64 output pin
Pin function
KIN4 input pin/FTIC input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com