Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 251 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 251 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 247Page - Renesas Technology Corp H8S/2114R Datasheet HTML 248Page - Renesas Technology Corp H8S/2114R Datasheet HTML 249Page - Renesas Technology Corp H8S/2114R Datasheet HTML 250Page - Renesas Technology Corp H8S/2114R Datasheet HTML 251Page - Renesas Technology Corp H8S/2114R Datasheet HTML 252Page - Renesas Technology Corp H8S/2114R Datasheet HTML 253Page - Renesas Technology Corp H8S/2114R Datasheet HTML 254Page - Renesas Technology Corp H8S/2114R Datasheet HTML 255Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 203 of 986
REJ09B0098-0300
8.10.4
Pin Functions
• PA7/KIN15/PS2CD, PA6/KIN14/PS2CC, PA5/KIN13/PS2BD, PA4/KIN12/PS2BC,
PA3/
KIN11/PS2AD, PA2/KIN10/PS2AC
The function of port A pins is switched according to the combination of the KBIOE bit in
KBCRH of KBU and the PAnDDR bit.
When the KMIMRm bit in KMIMRA of the interrupt controller is cleared to 0, this pin can be
used as the
KINm input pin.
KBIOE
0
1
PAnDDR
0
1
PAn input pin
PAn output pin
KBU input/output pin
Pin function
KINm input pin
Notes: n = 7 to 2
m = 15 to 10
When the KBIOE bit or IICS bit in STCR is set to 1, the output format for PA7 to PA4 is
NMOS open-drain output, and direct bus drive is possible.
When the KBIOE bit is set to 1, the output format for PA3 and PA2 is NMOS open-drain
output, and direct bus drive is possible.
• PA1/KIN9, PA0/KIN8
The function of port A pins is switched as shown below according to the PAnDDR bit.
When the KMIMRm bit in KMIMRA of the interrupt controller is cleared to 0, this pin can be
used as the
KINm input pin.
PAnDDR
0
1
PAn input pin
PAn output pin
Pin function
KINm input pin
Note:
n = 1, 0
m = 9, 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com