Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 255 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 251Page - Renesas Technology Corp H8S/2114R Datasheet HTML 252Page - Renesas Technology Corp H8S/2114R Datasheet HTML 253Page - Renesas Technology Corp H8S/2114R Datasheet HTML 254Page - Renesas Technology Corp H8S/2114R Datasheet HTML 255Page - Renesas Technology Corp H8S/2114R Datasheet HTML 256Page - Renesas Technology Corp H8S/2114R Datasheet HTML 257Page - Renesas Technology Corp H8S/2114R Datasheet HTML 258Page - Renesas Technology Corp H8S/2114R Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 207 of 986
REJ09B0098-0300
• PB4/WUE4/DLAD3
The pin function is switched as shown below according to the combination of the LPCS bit in
PTCNT2 and the PB4DDR bit. When the WUEM4 bit in WUEMRB of the interrupt controller
is cleared to 0, this pin can be used as the
WUE4 input pin.
LPCS
0
1
PB4DDR
0
1
PB4 input pin
PB4 output pin
DLAD3 input/output pin
Pin function
WUE4 input pin
• PB3/WUE3/DLFRAME
The pin function is switched as shown below according to the combination of the LPCS bit in
PTCNT2 and the PB3DDR bit. When the WUEM3 bit in WUEMRB of the interrupt controller
is cleared to 0, this pin can be used as the
WUE3 input pin.
LPCS
0
1
PB3DDR
0
1
PB3 input pin
PB3 output pin
DLFRAME output pin
Pin function
WUE3 input pin
• PB2/WUE2
The pin function is switched as shown below according to the PB2DDR bit. When the
WUEM2 bit in WUEMRB of the interrupt controller is cleared to 0, this pin can be used as the
WUE2 input pin.
PB2DDR
0
1
PB2 input pin
PB2 output pin
Pin function
WUE2 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com