Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 253 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 249Page - Renesas Technology Corp H8S/2114R Datasheet HTML 250Page - Renesas Technology Corp H8S/2114R Datasheet HTML 251Page - Renesas Technology Corp H8S/2114R Datasheet HTML 252Page - Renesas Technology Corp H8S/2114R Datasheet HTML 253Page - Renesas Technology Corp H8S/2114R Datasheet HTML 254Page - Renesas Technology Corp H8S/2114R Datasheet HTML 255Page - Renesas Technology Corp H8S/2114R Datasheet HTML 256Page - Renesas Technology Corp H8S/2114R Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 205 of 986
REJ09B0098-0300
8.11.2
Port B Output Data Register (PBODR)
PBODR stores output data for the port B pins.
Bit
Bit Name
Initial Value
R/W
Description
7
PB7ODR
0
R/W
6
PB6ODR
0
R/W
5
PB5ODR
0
R/W
4
PB4ODR
0
R/W
3
PB3ODR
0
R/W
2
PB2ODR
0
R/W
1
PB1ODR
0
R/W
0
PB0ODR
0
R/W
The PBODR register stores the output data for the
pins that are used as the general output port.
8.11.3
Port B Input Data Register (PBPIN)
PBPIN indicates the pin states.
Bit
Bit Name
Initial Value
R/W
Description
7
PB7PIN
Undefined*
R
6
PB6PIN
Undefined*
R
5
PB5PIN
Undefined*
R
4
PB4PIN
Undefined*
R
3
PB3PIN
Undefined*
R
2
PB2PIN
Undefined*
R
1
PB1PIN
Undefined*
R
0
PB0PIN
Undefined*
R
When a PBPIN read is performed, the pin states
are read.
This register is assigned to the same address as
that of PBDDR. When this register is written to,
data is written to PBDDR and the port B setting is
then changed.
Note:
*
The initial value of these pins is determined in accordance with the state of pins PB7 to
PB0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com