Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 254 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 250Page - Renesas Technology Corp H8S/2114R Datasheet HTML 251Page - Renesas Technology Corp H8S/2114R Datasheet HTML 252Page - Renesas Technology Corp H8S/2114R Datasheet HTML 253Page - Renesas Technology Corp H8S/2114R Datasheet HTML 254Page - Renesas Technology Corp H8S/2114R Datasheet HTML 255Page - Renesas Technology Corp H8S/2114R Datasheet HTML 256Page - Renesas Technology Corp H8S/2114R Datasheet HTML 257Page - Renesas Technology Corp H8S/2114R Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 206 of 986
REJ09B0098-0300
8.11.4
Pin Functions
• PB7/WUE7/DLAD0
The pin function is switched as shown below according to the combination of the LPCS bit in
PTCNT2 and the PB7DDR bit. When the WUEM7 bit in WUEMRB of the interrupt controller
is cleared to 0, this pin can be used as the
WUE7 input pin.
LPCS
0
1
PB7DDR
0
1
PB7 input pin
PB7 output pin
DLAD0 input/output pin
Pin function
WUE7 input pin
• PB6/WUE6/DLAD1
The pin function is switched as shown below according to the combination of the LPCS bit in
PTCNT2 and the PB6DDR bit. When the WUEM6 bit in WUEMRB of the interrupt controller
is cleared to 0, this pin can be used as the
WUE6 input pin.
LPCS
0
1
PB6DDR
0
1
PB6 input pin
PB6 output pin
DLAD1 input/output pin
Pin function
WUE6 input pin
• PB5/WUE5/DLAD2
The pin function is switched as shown below according to the combination of the LPCS bit in
PTCNT2 and the PB5DDR bit. When the WUEM5 bit in WUEMRB of the interrupt controller
is cleared to 0, this pin can be used as the
WUE5 input pin.
LPCS
0
1
PB5DDR
0
1
PB5 input pin
PB5 output pin
DLAD2 input/output pin
Pin function
WUE5 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com