Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 261 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 257Page - Renesas Technology Corp H8S/2114R Datasheet HTML 258Page - Renesas Technology Corp H8S/2114R Datasheet HTML 259Page - Renesas Technology Corp H8S/2114R Datasheet HTML 260Page - Renesas Technology Corp H8S/2114R Datasheet HTML 261Page - Renesas Technology Corp H8S/2114R Datasheet HTML 262Page - Renesas Technology Corp H8S/2114R Datasheet HTML 263Page - Renesas Technology Corp H8S/2114R Datasheet HTML 264Page - Renesas Technology Corp H8S/2114R Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 213 of 986
REJ09B0098-0300
• PC6/WUE14/LDRQ
The pin function is switched as shown below according to the combination of the LDRQS bit
in PTCNT2 and the PC6DDR. When the WUEMR14 bit in WUEMR of the interrupt
controller is cleared to 0, this pin can be used as the
WUE14 input pin.
LDRQS
0
1
PC6DDR
0
1
PC6 input pin
PC6 output pin
LDRQ output pin
Pin Function
WUE14 input pin
• PC5/WUE13
The pin function is switched as shown below according to the PC5DDR. When the
WUEMR13 bit in WUEMR of the interrupt controller is cleared to 0, this pin can be used as
the
WUE13 input pin.
PC5DDR
0
1
PC5 input pin
PC5 output pin
Pin Function
WUE13 input pin
• PC4/WUE12
The pin function is switched as shown below according to the PC4DDR. When the
WUEMR12 bit in WUEMR of the interrupt controller is cleared to 0, this pin can be used as
the
WUE12 input pin.
PC4DDR
0
1
PC4 input pin
PC4 output pin
Pin Function
WUE12 input pin
• PC3/WUE11
The pin function is switched as shown below according to the PC3DDR. When the
WUEMR11 bit in WUEMR of the interrupt controller is cleared to 0, this pin can be used as
the
WUE11 input pin.
PC3DDR
0
1
PC3 input pin
PC3 output pin
Pin Function
WUE11 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com