Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 262 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 258Page - Renesas Technology Corp H8S/2114R Datasheet HTML 259Page - Renesas Technology Corp H8S/2114R Datasheet HTML 260Page - Renesas Technology Corp H8S/2114R Datasheet HTML 261Page - Renesas Technology Corp H8S/2114R Datasheet HTML 262Page - Renesas Technology Corp H8S/2114R Datasheet HTML 263Page - Renesas Technology Corp H8S/2114R Datasheet HTML 264Page - Renesas Technology Corp H8S/2114R Datasheet HTML 265Page - Renesas Technology Corp H8S/2114R Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 214 of 986
REJ09B0098-0300
• PC2/WUE10
The pin function is switched as shown below according to the PC2DDR. When the
WUEMR10 bit in WUEMR of the interrupt controller is cleared to 0, this pin can be used as
the
WUE10 input pin.
PC2DDR
0
1
PC2 input pin
PC2 output pin
Pin Function
WUE10 input pin
• PC1/WUE9
The pin function is switched as shown below according to the PC1DDR. When the WUEMR9
bit in WUEMR of the interrupt controller is cleared to 0, this pin can be used as the
WUE9
input pin.
PC1DDR
0
1
PC1 input pin
PC1 output pin
Pin Function
WUE9 input pin
• PC0/WUE8
The pin function is switched as shown below according to the PC0DDR. When the WUEMR8
bit in WUEMR of the interrupt controller is cleared to 0, this pin can be used as the
WUE8
input pin.
PC0DDR
0
1
PC0 input pin
PC0 output pin
Pin Function
WUE8 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com