Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 259 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 255Page - Renesas Technology Corp H8S/2114R Datasheet HTML 256Page - Renesas Technology Corp H8S/2114R Datasheet HTML 257Page - Renesas Technology Corp H8S/2114R Datasheet HTML 258Page - Renesas Technology Corp H8S/2114R Datasheet HTML 259Page - Renesas Technology Corp H8S/2114R Datasheet HTML 260Page - Renesas Technology Corp H8S/2114R Datasheet HTML 261Page - Renesas Technology Corp H8S/2114R Datasheet HTML 262Page - Renesas Technology Corp H8S/2114R Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 211 of 986
REJ09B0098-0300
8.12.4
Noise Canceller Enable Register (PCNCE)
PCNCE enables or disables the noise cancel circuit at port C.
Bit
Bit Name
Initial Value
R/W
Description
7
PC7NCE
0
R/W
6
PC6NCE
0
R/W
5
PC5NCE
0
R/W
4
PC4NCE
0
R/W
3
PC3NCE
0
R/W
2
PC2NCE
0
R/W
1
PC1NCE
0
R/W
0
PC0NCE
0
R/W
Noise cancel circuit is enabled when PCNCE bit is
set to 1, and the pin state is fetched in the PCPIN
in the sampling cycle set by the PCNCCS.
8.12.5
Noise Canceller Mode Control Register (PCNCMC)
PCNCMC controls whether 1 or 0 is expected for the input signal to port C in bit units.
Bit
Bit Name
Initial Value
R/W
Description
7
PC7NCMC
0
R/W
6
PC6NCMC
0
R/W
5
PC5NCMC
0
R/W
4
PC4NCMC
0
R/W
3
PC3NCMC
0
R/W
2
PC2NCMC
0
R/W
1
PC1NCMC
0
R/W
0
PC0NCMC
0
R/W
1 expected: 1 is stored in the port data register
when 1 is input stably
0 expected: 0 is stored in the port data register
when 0 is input stably



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com