Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 260 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 256Page - Renesas Technology Corp H8S/2114R Datasheet HTML 257Page - Renesas Technology Corp H8S/2114R Datasheet HTML 258Page - Renesas Technology Corp H8S/2114R Datasheet HTML 259Page - Renesas Technology Corp H8S/2114R Datasheet HTML 260Page - Renesas Technology Corp H8S/2114R Datasheet HTML 261Page - Renesas Technology Corp H8S/2114R Datasheet HTML 262Page - Renesas Technology Corp H8S/2114R Datasheet HTML 263Page - Renesas Technology Corp H8S/2114R Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 212 of 986
REJ09B0098-0300
8.12.6
Noise Cancel Cycle Setting Register (PCNCCS)
PCNCCS controls the sampling cycles of the noise canceller.
Bit
Bit Name
Initial Value
R/W
Description
7 to 3
Undefined
R/W
Reserved
The read data is undefined. The initial value should
not be changed.
2
PCNCCK2
0
R/W
1
PCNCCK1
0
R/W
0
PCNCCK0
0
R/W
These bits set the sampling cycles of the noise
canceller.
When
φ is 10 MHz
000:
0.88
µs
φ/2
001:
12.8
µs
φ/32
010:
3.3 ms
φ/8192
011:
6.6 ms
φ/16384
100:
13.1 ms
φ/32768
101:
26.2 ms
φ/65536
110:
52.4 ms
φ/131072
111:
104.9 ms
φ/262144
8.12.7
Pin Functions
• PC7/WUE15/DLDRQ
The pin function is switched as shown below according to the combination of the LDRQS bit
in PTCNT2 and the PC7DDR. When the WUEMR15 bit in WUEMR of the interrupt
controller is cleared to 0, this pin can be used as the
WUE15 input pin.
LDRQS
0
1
PC7DDR
0
1
PC7 input pin
PC7 output pin
DLDRQ input pin
Pin Function
WUE15 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com