Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 298 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 294Page - Renesas Technology Corp H8S/2114R Datasheet HTML 295Page - Renesas Technology Corp H8S/2114R Datasheet HTML 296Page - Renesas Technology Corp H8S/2114R Datasheet HTML 297Page - Renesas Technology Corp H8S/2114R Datasheet HTML 298Page - Renesas Technology Corp H8S/2114R Datasheet HTML 299Page - Renesas Technology Corp H8S/2114R Datasheet HTML 300Page - Renesas Technology Corp H8S/2114R Datasheet HTML 301Page - Renesas Technology Corp H8S/2114R Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 1038 page
background image
Section 9 8-Bit PWM Timer (PWM)
Rev. 3.00 Jul. 14, 2005 Page 250 of 986
REJ09B0098-0300
9.3.1
PWM Register Select (PWSL)
PWSL is used to select the input clock and the PWM data register.
Bit
Bit Name
Initial Value
R/W
Description
7
6
PWCKE
PWCKS
0
0
R/W
R/W
PWM Clock Enable
PWM Clock Select
These bits, together with bits PWCKB and PWCKA in
PCSR, select the internal clock input to TCNT in the
PWM. For details, see table 9.2.
The resolution, PWM conversion period, and carrier
frequency depend on the selected internal clock, and
can be obtained from the following equations.
Resolution (minimum pulse width) = 1/internal clock
frequency
PWM conversion period = resolution
× 256
Carrier frequency = 16/PWM conversion period
With a 20 MHz system clock (
φ), the resolution, PWM
conversion period, and carrier frequency are as shown
in table 9.3.
5
—
1
R
Reserved
Always read as 1 and cannot be modified.
4
—
0
R
Reserved
Always read as 0 and cannot be modified.
3
2
1
0
RS3
RS2
RS1
RS0
0
0
0
0
R/W
R/W
R/W
R/W
Register Select
These bits select the PWM data register.
0xxx: No effect on operation
1000: PWDR8 selected
1001: PWDR9 selected
1010: PWDR10 selected
1011: PWDR11 selected
1100: PWDR12 selected
1101: PWDR13 selected
1110: PWDR14 selected
1111: PWDR15 selected
[Legend]
x:
Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com