Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 299 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 295Page - Renesas Technology Corp H8S/2114R Datasheet HTML 296Page - Renesas Technology Corp H8S/2114R Datasheet HTML 297Page - Renesas Technology Corp H8S/2114R Datasheet HTML 298Page - Renesas Technology Corp H8S/2114R Datasheet HTML 299Page - Renesas Technology Corp H8S/2114R Datasheet HTML 300Page - Renesas Technology Corp H8S/2114R Datasheet HTML 301Page - Renesas Technology Corp H8S/2114R Datasheet HTML 302Page - Renesas Technology Corp H8S/2114R Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 1038 page
background image
Section 9 8-Bit PWM Timer (PWM)
Rev. 3.00 Jul. 14, 2005 Page 251 of 986
REJ09B0098-0300
Table 9.2
Internal Clock Selection
PWSL
PCSR
PWCKE
PWCKS
PWCKB
PWCKA
Description
0
—
—
—
Clock input is disabled
(Initial value)
1
0
—
—
φ (system clock) is selected
1
0
0
φ/2 is selected
1
φ/4 is selected
1
0
φ/8 is selected
1
φ/16 is selected
Table 9.3
Resolution, PWM Conversion Period, and Carrier Frequency when
φ = 20 MHz
Internal Clock
Frequency
Resolution
PWM Conversion
Period
Carrier Frequency
φ
50 ns
1.28
µs
1250 kHz
φ/2
100 ns
25.6
µs
625 kHz
φ/4
200 ns
51.2
µs
312.5 kHz
φ/8
400 ns
102.4
µs
156.3 kHz
φ/16
800 ns
204.8
µs
78.1 kHz
9.3.2
PWM Data Registers 15 to 8 (PWDR15 to PWDR8)
PWDR are 8-bit readable/writable registers. The PWM has eight PWM data registers. Each
PWDR specifies the duty cycle of the basic pulse to be output, and the number of additional
pulses. The value set in PWDR corresponds to a 0 or 1 ratio in the conversion period. The upper
four bits specify the duty cycle of the basic pulse as 0/16 to 15/16 with a resolution of 1/16. The
lower four bits specify how many extra pulses are to be added within the conversion period
comprising 16 basic pulses. Thus, a specification of 0/256 to 255/256 is possible for 0/1 ratios
within the conversion period. For 256/256 (100%) output, port output should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com