Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 300 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 300 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 296Page - Renesas Technology Corp H8S/2114R Datasheet HTML 297Page - Renesas Technology Corp H8S/2114R Datasheet HTML 298Page - Renesas Technology Corp H8S/2114R Datasheet HTML 299Page - Renesas Technology Corp H8S/2114R Datasheet HTML 300Page - Renesas Technology Corp H8S/2114R Datasheet HTML 301Page - Renesas Technology Corp H8S/2114R Datasheet HTML 302Page - Renesas Technology Corp H8S/2114R Datasheet HTML 303Page - Renesas Technology Corp H8S/2114R Datasheet HTML 304Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 1038 page
background image
Section 9 8-Bit PWM Timer (PWM)
Rev. 3.00 Jul. 14, 2005 Page 252 of 986
REJ09B0098-0300
9.3.3
PWM Data Polarity Register B (PWDPRB)
PWDPR selects the PWM output phase.
• PWDPRB
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
OS15
OS14
OS13
OS12
OS11
OS10
OS9
OS8
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Output Select 15 to 8
These bits select the PWM output phase. Bits OS15 to
OS8 correspond to outputs PW15 to PW8.
0: PWM direct output (PWDR value corresponds to high
width of output)
1: PWM inverted output (PWDR value corresponds to
low width of output)
9.3.4
PWM Output Enable Register B (PWOERB)
PWOER switches between PWM output and port output.
• PWOERB
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
OE15
OE14
OE13
OE12
OE11
OE10
OE9
OE8
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Output Enable 15 to 8
These bits, together with P2DDR, specify the P2n/PWm
pin state. Bits OE15 to OE8 correspond to outputs
PW15 to PW8.
P2nDDR OEn: Pin state
0x: Port input
10: Port output or PWM 256/256 output
11: PWM output (0 to 255/256 output)
[Legend]
x:
Don't care
Note:
n = 7 to 0
m = 15 to 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com