Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 301 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 297Page - Renesas Technology Corp H8S/2114R Datasheet HTML 298Page - Renesas Technology Corp H8S/2114R Datasheet HTML 299Page - Renesas Technology Corp H8S/2114R Datasheet HTML 300Page - Renesas Technology Corp H8S/2114R Datasheet HTML 301Page - Renesas Technology Corp H8S/2114R Datasheet HTML 302Page - Renesas Technology Corp H8S/2114R Datasheet HTML 303Page - Renesas Technology Corp H8S/2114R Datasheet HTML 304Page - Renesas Technology Corp H8S/2114R Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 1038 page
background image
Section 9 8-Bit PWM Timer (PWM)
Rev. 3.00 Jul. 14, 2005 Page 253 of 986
REJ09B0098-0300
To perform PWM 256/256 output when DDR = 1 and OE = 0, the corresponding pin should be set
to port output.
DR data is output when the corresponding pin is used as port output. A value corresponding to
PWM 256/256 output is determined by the OS bit, so the value should have been set to DR
beforehand.
9.3.5
Peripheral Clock Select Register (PCSR)
PCSR selects the PWM input clock.
Bit
Bit Name
Initial Value
R/W
Description
7
6
0
0
R/W
R/W
See section 10.3.4, Peripheral Clock Select Register
(PCSR).
5
4
PWCKXB
PWCKXA
0
0
R/W
R/W
3
0
R/W
2
1
PWCKB
PWCKA
0
0
R/W
R/W
PWM Clock Select B, A
Together with bits PWCKE and PWCKS in PWSL,
these bits select the internal clock input to the clock
counter in the PWM. For details, see table 9.2.
0
PWCKXC
0
R/W
See section 10.3.4, Peripheral Clock Select Register
(PCSR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com