Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 147 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 147 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 143Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 144Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 145Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 146Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 147Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 148Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 149Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 150Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 151Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 332 page
background image
Chapter 5
Signal Descriptions
129
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
5.54
WB/WT# (Writeback or Writethrough)
Pin Attribute
Input
Pin Location
AA-05
Summary
WB/WT#, together with PWT, specifies the data cache-line state
during cacheable read misses and write hits to shared cache
lines.
s
If WB/WT# = 0 or PWT = 1 during a cacheable read miss or
write hit to a shared cache line, the accessed line is cached
in the shared state. This is referred to as the writethrough
state, because all write cycles to this cache line are driven
externally on the bus.
s
If WB/WT# = 1 and PWT = 0 during a cacheable read miss or
a write hit to a shared cache line, the accessed line is cached
in the exclusive state. Subsequent write hits to the same line
cause its state to transition from exclusive to modified. This
is referred to as the writeback state, because the data cache
can contain modified cache lines that are subject to be
written back—referred to as a writeback cycle—as the result
of an inquire cycle, an internal snoop, a flush operation, or
the WBINVD instruction.
Sampled
WB/WT# is sampled on the clock edge on which the first BRDY#
or NA# of a bus cycle is sampled asserted. If the cycle is a burst
read, WB/WT# is ignored during the last three assertions of
BRDY #. WB /W T# is samp l e d d u r in g mem o ry re ad an d
non-writeback write cycles and is ignored during all other types
of cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com