Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 143 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 143 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 139Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 140Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 141Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 142Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 143Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 144Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 145Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 146Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 147Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 332 page
background image
Chapter 5
Signal Descriptions
125
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
5.49
TMS (Test Mode Select)
Pin Attribute
Input, Internal Pullup
Pin Location
P-34
Summary
TMS specifies the test function and sequence of state changes
for boundary-scan testing using the Test Access Port (TAP). See
“Boundary-Scan Test Access Port (TAP)” on page 229 for details
regarding the operation of the TAP controller.
Sampled
The processor samples TMS on every rising TCK edge. If TMS is
sampled High for five or more consecutive clocks, the TAP
controller enters its Test-Logic-Reset state, regardless of the
controller state. This action is the same as that achieved by
asserting TRST#.
5.50
TRST# (Test Reset)
Pin Attribute
Input, Internal Pullup
Pin Location
Q-33
Summary
The assertion of TRST# initializes the Test Access Port (TAP) by
resetting its state machine to the Test-Logic-Reset state. See
“Boundary-Scan Test Access Port (TAP)” on page 229 for details
regarding the operation of the TAP controller.
Sampled
TRST# is a completely asynchronous input that does not
require a minimum setup and hold time relative to TCK. See
Ta bl e 64 on page 280 f o r the mini m u m pulse widt h
requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com