Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 162 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 162 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 158Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 159Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 160Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 161Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 162Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 163Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 164Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 165Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 166Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 332 page
background image
144
Bus Cycles
Chapter 6
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Burst Writeback
Figure 55 on page 145 shows a burst read followed by a
writeback transaction. The AMD-K6-2E processor initiates
writebacks under the following conditions:
s
Replacement —If a cache-line fill is initiated for a cache line
currently filled with valid entries, the processor selects a
line for replacement based on a least-recently-used (LRU)
algorithm
for
the
instruction
cache,
and
a
least-recently-allocated (LRA) algorithm for the data cache.
Before a replacement is made to an L1 data cache line that is
in the Modified state, the modified line is scheduled to be
written back to memory.
s
Internal Snoop—The processor snoops its instruction cache
during read or write misses to its data cache, and it snoops
its data cache during read misses to its instruction cache.
This snooping is performed to determine whether the same
address is stored in both caches, a situation that implies the
occurrence of self-modifying code. If a snoop hits a data
cache line in the Modified state, the line is written back to
memory before being invalidated.
s
WBINVD Instruction—When the processor executes a
WBINVD instruction, it writes back all modified lines in the
data cache and then invalidates all lines in both caches.
s
Cache
Flush—When
the
processor
samples
FLUSH#
asserted, it executes a flush acknowledge special cycle and
writes back all modified lines in the data cache and then
invalidates all lines in both caches.
The processor drives writeback cycles during inquire or cache
flush cycles. The writeback shown in Figure 55 is caused by a
cache-line replacement. The processor completes the burst read
cycle that fills the cache line. Immediately following the burst
read cycle is the burst writeback cycle that represents the
modified line to be written back to memory. D[63:0] are driven
one clock edge after the clock edge on which ADS# is asserted
and are subsequently changed off the clock edge on which each
of the four BRDY# signals of the burst cycle are sampled
asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com