Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 166 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 166 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 162Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 163Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 164Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 165Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 166Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 167Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 168Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 169Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 170Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 332 page
background image
148
Bus Cycles
Chapter 6
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
6.5
Inquire and Bus Arbitration Cycles
The AMD-K6-2E processor provides built-in level-one data and
instruction caches. Each cache is 32 Kbytes and two-way
set-associative. The system logic or other bus master devices
can initiate an inquire cycle to maintain cache/memory
coherency. In response to the inquire cycle, the processor
compares the inquire address with its cache tag addresses in
both caches, and, if necessary, updates the MESI state of the
cache line and performs writebacks to memory.
An inquire cycle can be initiated by asserting AHOLD, BOFF#,
or HOLD. AHOLD is exclusively used to support inquire cycles.
During AHOLD-initiated inquire cycles, the processor only
floats the address bus. BOFF# provides the fastest access to the
bus because it aborts any processor cycle that is in-progress,
whereas AHOLD and HOLD both permit an in-progress bus
cycle to complete. During HOLD-initiated and BOFF#-initiated
inquire cycles, the processor floats all of its bus-driving signals.
Hold and Hold
Acknowledge Cycle
The system logic or another bus device can assert HOLD to
initiate an inquire cycle or to gain full control of the bus. When
th e AM D-K6 -2 E pro c e s so r s a mple s HO LD a s s e r t e d , it
completes any in-progress bus cycle and asserts HLDA to
acknowledge release of the bus. The processor floats the
following signals off the same clock edge on which HLDA is
asserted:
Figure 58 shows a basic HOLD/HLDA operation. In this
example, the processor samples HOLD asserted during the
memory read cycle. It continues the current memory read cycle
until BRDY# is sampled asserted. The processor drives HLDA
and floats its outputs one clock edge after the last BRDY# of the
cycle is sampled asserted. The system logic can assert HOLD for
as long as it needs to utilize the bus. The processor samples
s
A[31:3]
s
DP[7:0]
s
ADS#
s
LOCK#
s
AP#
s
M/IO#
s
BE[7:0]#
s
PCD
s
CACHE#
s
PWT
s
D[63:0]
s
SCYC
s
D/C#
s
W/R#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com