Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 172 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 172 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 168Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 169Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 170Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 171Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 172Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 173Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 174Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 175Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 176Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 332 page
background image
154
Bus Cycles
Chapter 6
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
AHOLD-Initiated
Inquire Miss
AHOLD can be asserted by the system to initiate one or more
inquire cycles. To allow the system to drive the address bus
during an inquire cycle, the processor floats A[31:3] and AP off
the clock edge on which AHOLD is sampled asserted. The data
bus and all other control and status signals remain under the
control of the processor and are not floated. This functionality
allows a bus cycle in progress when AHOLD is sampled asserted
to continue to completion. The processor resumes driving the
address bus off the clock edge on which AHOLD is sampled
negated.
In Figure 61 on page 155, the processor samples AHOLD
asserted during the memory burst read cycle, and it floats the
address bus off the same clock edge on which it samples AHOLD
asserted. While the processor still controls the bus, it completes
the current cycle until the last expected BRDY# is sampled
asserted. The system logic drives EADS# with an inquire
address on A[31:5] during an inquire cycle. The processor
samples EADS# asserted and compares the inquire address to
its tag address in both the instruction and data caches. In Figure
61, the inquire address misses the tag address in the processor
(both HIT# and HITM# are negated). Therefore, the processor
proceeds to the next cycle when it samples AHOLD negated.
(The processor can drive a new cycle by asserting ADS# off the
same clock edge that it samples AHOLD negated.)
For an AHOLD-initiated inquire cycle to be recognized, the
processor must sample AHOLD asserted for at least two
consecutive clocks before it samples EADS# asserted. If the
processor detects an address parity error during an inquire
cycle, APCHK# is asserted for one clock. The system logic must
respond appropriately to the assertion of this signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com