Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 176 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 176 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 172Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 173Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 174Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 175Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 176Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 177Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 178Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 179Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 180Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 332 page
background image
158
Bus Cycles
Chapter 6
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
AHOLD-Initiated
Inquire Hit to
Modified Line
Figure 63 on page 159 shows an AHOLD-initiated inquire cycle
that hits a modified line. During the inquire cycle in this
example, the processor asserts both HIT# and HITM# on the
clock edge after the clock edge that it samples EADS# asserted.
This condition indicates that the cache line exists in the
processor’s data cache in the Modified state.
If the inquire cycle hits a modified line, the processor performs
a writeback cycle immediately after the inquire cycle to update
the modified cache line to shared memory (normally external
cache or DRAM). In Figure 63, the system logic holds AHOLD
asserted throughout the inquire cycle and the processor
writeback cycle. In this case, the processor is not driving the
address bus during the writeback cycle because AHOLD is
sampled asserted. The system logic writes the data to memory
by using its latched copy of the inquire cycle address. If the
processor samples AHOLD negated before it performs the
writeback cycle, it drives the writeback cycle by using the
address (A[31:5]) that it latched during the inquire cycle.
If INV is sampled asserted during an inquire cycle, the
processor transitions the line (if found) to the Invalid state,
regardless of its previous state (the cache invalidation
operation is not visible on the bus). If INV is sampled negated
during an inquire cycle, the processor transitions the line (if
found) to the Shared state. In either case, if the line is found in
the Modified state, the processor writes it back to memory
before changing its state. Figure 63 shows that the processor
samples INV asserted during the inquire cycle and invalidates
the cache line after the inquire cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com