Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 188 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 188 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 184Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 185Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 186Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 187Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 188Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 189Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 190Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 191Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 192Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 332 page
background image
170
Bus Cycles
Chapter 6
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
6.6
Special Bus Cycles
The AMD-K6-2E processor drives special bus cycles that
include the following:
s
Stop grant
s
Flush acknowledge
s
Cache writeback invalidation
s
Halt
s
Cache invalidation
s
Shutdown
During all special cycles, D/C# = 0, M/IO# = 0, and W/R# = 1.
BE[7:0]# and A[31:3] are driven to differentiate among the
special cycles, as shown in Table 28. (See also Table 23 on
page 132.)
Note that the system logic must return BRDY# in response to all
processor special cycles.
Basic Special Bus
Cycle
Figure 69 on page 171 shows a basic special bus cycle.
The processor drives D/C# = 0, M/IO# = 0, and W/R# = 1 off the
same clock edge that it asserts ADS#.
In this example, BE[7:0]# = FBh and A[31:3] = 0000_0000h,
which indicates that the special cycle is a halt special cycle (See
Table 28). A halt special cycle is generated after the processor
executes the HLT instruction.
Table 28. Encodings for Special Bus Cycles
BE[7:0]#
A[4:3]1
Notes:
1. A[31:5] = 0
Special Bus Cycle
Cause
FBh
10b
Stop Grant
STPCLK# sampled asserted
EFh
00b
Flush Acknowledge
FLUSH# sampled asserted
F7h
00b
Writeback
WBINVD instruction
FBh
00b
Halt
HLT instruction
FDh
00b
Flush
INVD,WBINVD instruction
FEh
00b
Shutdown
Triple fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com