Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 222 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 222 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 218Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 219Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 220Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 221Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 222Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 223Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 224Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 225Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 226Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 332 page
background image
204
Cache Organization
Chapter 8
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
8.11
Writethrough and Writeback Coherency States
The terms writethrough and writeback apply to two related
concepts in a read-write cache like the AMD-K6-2E processor’s
L1 data cache. The following conditions apply to both the
writethrough and writeback modes:
s
Memory Writes—A relationship exists between external
memory writes and their concurrence with cache updates:
•
An external memory write that occurs concurrently with
a cache update to the same location is a writethrough.
Writethroughs are driven as single cycles on the bus.
•
An external memory write that occurs after the processor
has modified a cache line is a writeback. Writebacks are
driven as burst cycles on the bus.
s
Coherency State—A relationship exists between MESI
coherency states and writethrough-writeback coherency
states of lines in the cache as follows:
•
Shared and invalid MESI lines are in writethrough state.
•
Modified and exclusive MESI lines are in writeback state.
8.12
A20M# Masking of Cache Accesses
Although the processor samples A20M# as a level-sensitive
input on every clock edge, it should only be asserted in real
mode. The processor applies the A20M# masking to its tags,
through which all programs access the caches. Therefore,
assertion of A20M# affects all addresses (cache and external
memory), including the following:
s
Cache-line fills (caused by read misses or write allocates)
s
Cache writethroughs (caused by write misses or write hits to
lines in the Shared state)
However, A20M# does not mask writebacks or invalidations
caused by the following actions:
s
Internal snoops
s
Inquire cycles
s
The FLUSH# signal
s
The WBINVD instruction
s
Writing to the page flush/invalidate register (PFIR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com