Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 225 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 225 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 221Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 222Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 223Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 224Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 225Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 226Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 227Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 228Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 229Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 332 page
background image
Chapter 9
Write Merge Buffer
207
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Table 37 summarizes the three settings of the EWBEC field for
the EFER register, along with the effect of write ordering and
performance. For more information on the EFER register, see
“Extended Feature Enable Register (EFER)” on page 43.
9.2
Memory Type Range Registers
The AMD-K6-2E processor provides two variable-range Memory
Type Range registers (MTRRs), MTRR0 and MTRR1, each of
which specifies a range of memory. Each range can be defined
as one of the following memory types:
s
Uncacheable (UC) Memory—Memory read cycles are
sourced directly from the specified memory address and the
processor does not allocate a cache line. Memory write
cycles are targeted at the specified memory address and a
write allocation does not occur.
s
Write-Combining (WC) Memory—Memory read cycles are
sourced directly from the specified memory address and the
processor does not allocate a cache line. The processor
conditionally combines data from multiple noncacheable
write cycles that are addressed within this range into a
merge buffer. Merging multiple write cycles into a single
write cycle reduces processor bus utilization and processor
stalls, thereby increasing the overall system performance.
This memory type is applicable for linear video frame
buffers.
Table 37. EWBEC Settings
EFER[3]
(GEWBED)
EFER[2]
(SEWBED)
Write Ordering
Performance
1
0 or 1
None
Best
0
1
All except UC/WC
Close-to-Best
0
0
All
Slowest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com